Part Number Hot Search : 
FAN5660 205293HD 1000A 2SD2573 R2301 20AYT6C 2F8727P MAX9041
Product Description
Full Text Search
 

To Download TLYU113P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tlou113p,tlsu113p,TLYU113P 2002-09-25 1 toshiba ingaa ? p led tlou113p, tlsu113p, TLYU113P panel circuit indicator  ingaa ? p led  without stand ? offs  all plastic mold type  colored transparent lens  lineup: 3 colors (red, orange, yellow)  suitable for high ? brightness and less electricity consumption.  all plastic molded lens, provides an excellent on ? off contrast ratio.  applications: backlight, light for decoration, switches, various indicator, personal equipment lineup product color material tlou113p orange ingaa ? p tlsu113p red ingaa ? p TLYU113P yellow ingaa ? p maximum ratings (ta = 25c) product forward current i f (ma) reverse voltage v r (v) power dissipation p d (mw) operating temperature t opr (c) storage temperature t stg (c) tlou113p 30 4 72  20~75  30~100 tlsu113p 30 4 72  20~75  30~100 TLYU113P 30 4 75  20~75  30~100 unit in mm jedec D eiaj D toshiba weight: 0.31 g tentative
tlou113p,tlsu113p,TLYU113P 2002-09-25 2 electrical characteristics (ta = 25c) typ.emission wavelength luminous intensity i v forward voltage v f reverse current i r product p ? i f min typ. i f typ. max i f max v r tlou113p 612 15 20 153 900 20 2.0 2.4 20 50 4 tlsu113p 636 17 20 153 550 20 2.0 2.4 20 50 4 TLYU113P 590 13 20 153 500 20 2.1 2.5 20 50 4 unit nm ma mcd ma v ma a v precaution please be careful of the followings  soldering temperature: 260c max soldering time: 3 s max (soldering portion of lead: up to 2 mm from the body of the device)  if the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to the resin. soldering should be performed after lead forming.  this visible led lamp also emits some ir light. if a photodetector is located near the led lamp, please ensure that it will not be affected by this ir light.
tlou113p,tlsu113p,TLYU113P 2002-09-25 3 tlou113p relative luminous intensity ? wavelength wavelength (nm) relative luminous intensity 1.0 0 540 0.8 0.6 0.4 0.2 560 580 600 620 640 660 i f = 20 ma ta = 25c i f ? ta ambient temperature ta (c) allowable forward current i f (ma) 40 0 0 20 40 60 80 100 30 20 10 i f ? v f forward voltage v f (v) forward current i f (ma) 100 1 1.6 50 10 5 2 1.8 2.0 2.4 2.2 2.6 ta = 25c 20 i v ? tc case temperature tc (c) relative luminous intensity i v 100 10 0.1 ? 25 0.2 1 0.5 0 25 50 75 2 5 luminous intensity i v (mcd) i v ? i f forward current i f (ma) 1000 2000 500 1 200 100 20 2 5 10 20 50 50 100 ta = 25c radiation pattern ta = 25c 0 0.2 0.4 0.6 0.8 0 10 20 30 40 50 60 70 80 90 10 20 30 40 50 60 70 80 90 1.0
tlou113p,tlsu113p,TLYU113P 2002-09-25 4 tlsu113p relative luminous intensity ? wavelength wavelength (nm) relative luminous intensity 1.0 0 560 0.8 0.6 0.4 0.2 580 600 620 640 660 680 i f = 20 ma ta = 25c i f ? ta ambient temperature ta (c) allowable forward current i f (ma) 40 0 0 20 40 60 80 100 30 20 10 i f ? v f forward voltage v f (v) forward current i f (ma) 100 1 1.6 50 10 5 2 1.8 2.0 2.4 2.2 2.6 ta = 25c 20 i v ? tc case temperature tc (c) relative luminous intensity i v 100 10 0.1 ? 25 0.2 1 0.5 0 25 50 75 2 5 radiation pattern ta = 25c 0 0.2 0.4 0.6 0.8 0 10 20 30 40 50 60 70 80 90 10 20 30 40 50 60 70 80 90 1.0 i v ? i f forward current i f (ma) luminous intensity i v (mcd) 1000 500 200 1 100 50 10 2 5 10 20 50 20 100 ta = 25c
tlou113p,tlsu113p,TLYU113P 2002-09-25 5 TLYU113P relative luminous intensity ? wavelength wavelength (nm) relative luminous intensity 1.0 0 540 0.8 0.6 0.4 0.2 560 580 600 620 640 660 i f = 20 ma ta = 25c i f ? ta ambient temperature ta (c) allowable forward current i f (ma) 40 0 0 20 40 60 80 100 30 20 10 i f ? v f forward voltage v f (v) forward current i f (ma) 100 1 1.6 50 10 5 2 1.8 2.0 2.4 2.2 2.6 ta = 25c 20 i v ? tc case temperature tc (c) relative luminous intensity i v 100 10 0.1 ? 25 0.2 1 0.5 0 25 50 75 2 5 radiation pattern ta = 25c 0 0.2 0.4 0.6 0.8 0 10 20 30 40 50 60 70 80 90 10 20 30 40 50 60 70 80 90 1.0 i v ? i f forward current i f (ma) luminous intensity i v (mcd) 1000 500 200 1 100 50 10 2 5 10 20 50 20 100 ta = 25c
tlou113p,tlsu113p,TLYU113P 2002-09-25 6  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  gallium arsenide (gaas) is a substance used in the products described in this document. gaas dust and fumes are toxic. do not break, cut or pulverize the product, or use chemicals to dissolve them. when disposing of the products, follow the appropriate regulations. do not dispose of the products with other industrial waste or with domestic garbage. the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implicatio ta = 2 000707eac restrictions on product use


▲Up To Search▲   

 
Price & Availability of TLYU113P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X